[ em: electromagnet ] vbeh vbsh1 vbeh vbsh1 vbeh vbsh1 vbeh vbsh1 44 / 60 52/7 em brake (high torque design) types: 0.6, 1.2, 2.5, 5 5 2.5 1.2 0.6 [ special order ] 22 / 30 vbeh / vbsh type static torque [ft - lbs / n - m] 11 / 15 vbeh / vbsh 0.5 0.5 1.5 1.6 4.8 5.1 14.3 15.1 a c d +0.2/-0 e f +0/-0.2 g h j k l 30 30.5 33.6 34.1 38 38.9 41.5 42.5 r 5.8 5.4 7 6.6 8.2 7.6 10.4 9.6 t [ included parts & accessories : bolts, washers, spacers, surge protector ] [ 1 inch = 25.4 mm ] [ note 1 : silent type ] 44 / 60 33 24 1.41 17 18 12 0.75 5 . 2 / 7 0.5 60 88 x 10 7 55 7000 6000 13 x 10 7 total energy until life [j] armature moment of inertia (j) [kg-cm2] torque build-up time [ms] pull-in time [ms] max allowable speed [rpm] release time [ms] 22 / 30 static torque [ft - lbs / n - m] coil (20c) current [a] resistance [ ? ] wattage [w] voltage [dc-v] 11 / 15 48 32 45 35 10 40 40 10 25 35 25 x 10 7 86 0.92 26 22 15 49 x 10 7 108 55 5500 45 82 110 weight [lbs / kg] dimensions [mm] 1.8 0.82 / 0.37 75 35 67 62 85 4.9 / 2.2 2.6 / 1.2 1.4 / 0.6 95 2.4 m5 98 2.1 46 5.5 6.5 4.5 165 m4 60 6.5 m3 20 4500 52 100 65 2.4 136 66 75 53 150 m6 125 76 135 122 vbeh / vbsh ogura industrial corp. www.ogura-clutch.com 100 randolph rd. info@ogura-clutch.com somerset, nj 08875 (732) 271-7361 vbeh / vbsh
|